PART |
Description |
Maker |
PC33981PNA_R2 MC33981 33981 PC33981PNA/R2 |
HIGH-FREQUENCY, HIGH-CURRENT, SELF-PROTECTED HIGH-SIDE SWITCH (4.0 Mз UP TO 60 KHZ) High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m up to 60 kHz)
|
MOTOROLA[Motorola, Inc]
|
FP1007R6-R33-R FP1007R6-R39-R FP1007R6-R27-R FP100 |
High Current, High Frequency, Power Inductors
|
List of Unclassifed Manufacturers
|
2014VS-66NMEB 1212VS-66NMED 2014VS-66NMED 1212VS-6 |
High Frequency, High Current Power Inductors
|
Coilcraft lnc.
|
FD1000FX-90 |
MITSUBISHI HIGH-FREQUENCY RECTIFIER DIODES HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE
|
Mitsubishi Electric Corporation
|
HCP0704 HCP0704-1R0-R HCP0704-1R8-R HCP0704-2R3-R |
1 ELEMENT, 3.3 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD CHIP, 0704, ROHS COMPLIANT High Current, High Frequency, Power Inductors
|
Cooper Bussmann, Inc.
|
ISOPAC01 ISOPAC0103 ISOPAC0104 ISOPAC0111 ISOPAC01 |
High Current High density Isolated Silicon Power Rectifier(????靛?600V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存??? High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?纭?????娴??) High-Current Isolated Rectifier Assemblies. 150 V-1000 V. 10 nS - 2 microseconds 大电流隔离整流器大会150 V000五,10纳秒- 2微秒 HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存???
|
International Rectifier, Corp. Semtech Corporation
|
2SC4854 2SC4854-5 2SC4854-4 |
晶体管|晶体管|叩| 6V的五(巴西)总裁| 15mA的一c)|36AB SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Low-Voltage Low-Current High-Frequency Amp Applications Low-Voltage, Low-Current High-Frequency Amp Applications
|
SANYO[Sanyo Semicon Device]
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
1212VS-66NME- 2014VS-111ME- 2014VS-251ME- 2014VS-2 |
High Frequency, High Current Power Inductors High Frequency, High Current Power Inductors
|
Coilcraft lnc.
|
15GN01SA |
NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
|
Sanyo Semicon Device
|
MAX5069 MAX5069DAUE MAX5069A MAX5069AAUE MAX5069B |
High-Frequency / Current-Mode PWM Controller with Accurate Oscillator and Dual FET Drivers High-Frequency, Current-Mode PWM Controller with Accurate Oscillator and Dual FET Drivers GT 10C 10#16 PIN PLUG
|
http:// MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|